Part Number Hot Search : 
APE10616 IM100 FM301 2045CT 1510G 200A12S2 090N03 NV73A
Product Description
Full Text Search
 

To Download IXFR180N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs ISOPLUS247TM
(Electrically Isolated Backside) kJU~aaEa=baU~aAEaEai=jcCE ^i~a~aAUE=o~iECI=eaOU=CiLCiI=ici=iee
meEaaaaa~eo=C~i~=eUEEi
Symbol VDSS VDGR VGS VGSM ID25 ID(RMS) IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL VISOL Weight NKS=aa=EMKMSP=aaKF=Neca=A~eE=Nce=NM=e RMLSM=eoI=ojp i=Z=N=aaa Test Conditions qg Z=OR= ic= NRM qg Z=OR=ic=NRMX=odp=Z=N=j caiaaicie qe~aeaEai q Z=OR=Ejlpcbq=AUae=A~e~AaaaioF bniEea~a=aE~C=EAieeEai=aaaaiF q Z=ORI=kciE=N q Z= OR q Z= OR q Z= OR fp =fajI=CaLCi==NMM=^LeI=saa==sapp qg =NRMI=od=Z=O= q Z= OR
IXFR 180N06
VDSS = 60 V ID25 = 180 A 5 m RDS(on) = tee 200ns
Maximum Ratings SM SM OM PM NUM TS TOM NUM SM P R s s s s ^ ^ ^ ^ ag g sLae
ISOPLUS 247TM E153432
feca~iEC= A~AaeaCEG
d=Z=d~iE p=Z=pcieAE
a=Z=ae~aa
G=m~iEai=eEaCaaO
RSM JRR=KKK=HNRM NRM JRR=KKK=HNRM PMM ORMM R
t su =O
Features paaaAca=AUae=ca=aaeEAiJceeEeJ_caC eiAeie~iE J=eaOU=eciEe=Caeeae~iaca J=feca~iEC=aciaiaaO=eieN~AE J=ORMMs=EaEAieaA~a=aeca~iaca ici=Ce~aa=ic=i~A=A~e~Aai~aAEEYPMecF ici=oap=EcaF=eajlpqj=eecAEee oiOOEC=ecaoeaaaAca=O~iE=AEaa=eieiAiieE o~iEC=Nce=raAa~aeEC=faCiAiaiE=ic~C piaiAUaaO=ErfpF c~ei=aaieaaeaA=oEAiaNaEe Applications aJa=AcaiEeiEee _~iiEeo=AU~eOEee piaiAUECJacCE=~aC=eEeca~aiJacCE eciEe= eieeaaEe a= AUceeEee ^=acice=Acaieca Advantages b~eo=~eeEaAao pe~AE=e~iaaOe eaOU=eciEe=CEaeaio
Symbol
Test Conditions
Characteristic Values Eqg= Z= ORI= iaaEee= ciUEeiaeE= eeEAaNaECF min. typ. max. 60 2.0 V 4.0 V NMM=a^ qg==Z===OR qg==Z=NOR NMM==^ O=a^ R=a
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 3mA VDS = VGS, ID = 8mA ========sdp==Z=OM=sI=sap=Z=M ========sap==Z==sapp ========sdp===Z=M=s ========sdp==Z=NM=sI=fa=Z=fq ========kciEe=OI=P
=OMMM=fuvp=^aa=eaOUie=eEeEeiEC
VUTRP= ENMLMMF
IXFR 180N06
Symbol Test Conditions Characteristic Values Eqg= Z= ORI= iaaEee= ciUEeiaeE= eeEAaNaECF min. typ. max. kciE=O RR VM TSRM sdp=Z=M=sI=sap=Z=OR=sI=N=Z=N=jeo QSMM OTMM SP sdp=Z=NM=sI=sap=Z=MKR= =sappI=fa=Z==fq od=Z=N =EbniEea~aFI=kciEe=OI=P NMM NPM RR QOM sdp=Z=NM=sI=sap=Z=MKR= =sappI=fa=Z==fq kciEe==OI=P SR OOM MKPM MKNR p ec ec ec ae ae ae ae a a a hLt hLt ISOPLUS 247 OUTLINE
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
s ap Z=NM=sX=fa=Z==SM^
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions s dp Z=M=s oEeEiaiaiEX=kciE=N fc=Z==fqI=sdp=Z=M=sI=kciEe=OI=P
Characteristic Values Eqg= Z= ORI= iaaEee= ciUEeiaeE= eeEAaNaECF min. typ. max. NUM TOM NKP OMM MKR ^ ^ s ae ^
fc=Z=RM^IJCaLCi=Z=NMM=^LeI=so=Z=NMM=s Q
kciEW NK=miaeE=iaCiU=aaaaiEC=Ao=qgj OK=miaeE=iEeiI=i= PMM=eI=Ciio=AoAaE=C =O=B PK==fq=Z=VM^
IXYS reserves the right to change limits, test conditions, and dimensions.
fuvp=jlpcbqp=~aC=fd_qe=~eE=AciEeEC=Ao=caE=ce=aceE=cN=iUE=NcaaciaaO=rKpK=e~iEaieW QIUPRIRVO QIURMIMTO QIUUNINMS QIVPNIUQQ RIMNTIRMU RIMPQITVS RIMQVIVSN RIMSPIPMT RINUTINNT RIOPTIQUN RIQUSITNR RIPUNIMOR


▲Up To Search▲   

 
Price & Availability of IXFR180N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X